Part Number Hot Search : 
LM393AFE L6004F81 SKM40 SKIIP3 TA58L09F TM782 BSL40 PN7222
Product Description
Full Text Search
 

To Download BAT54SH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c302sh issued date : 2012.08.16 revised date : page no. : 1/6 BAT54SH cystek product specification small signal schottky diode BAT54SH description planar silicon schottky barrier diode encapsulated in a sod-123 ve ry small plastic smd package. features ?guard ring protected ? low forward voltage drop ? very small plastic smd package ?pb-free lead plating and halogen-free package mechanical data ? case: molded plastic, jedec sod-123. ? terminals: pure tin plated, solderable per mil-std-202 method 208 ? polarity: indicated by cathode band. ? weight: 0.01 gram approximately symbol outline BAT54SH sod-123 ordering information device package shipping marking BAT54SH sod-123 (pb-free lead plating an d halogen-free package) 3000 pcs / tape & reel jv
cystech electronics corp. spec. no. : c302sh issued date : 2012.08.16 revised date : page no. : 2/6 BAT54SH cystek product specification absolute maximum ratings symbol parameter conditions min max unit v r continuous reverse voltage - 30 v i f continuous forward current - 200 ma i frm repetitive peak forward current tp 1s, ? 0.5 - 300 ma i fsm non-repetitive peak forward current tp<10ms - 600 ma ptot total power dissipation tamb 25 - 400 mw tstg storage temperature -65 +150 tj operating junction temperature range -65 +125 tamb operating ambient temperature range -65 +125 characteristics (ta=25 c, unless otherwise specified) parameter symbol condition min. max. unit reverse breakdown voltage v br i r =100 a 30 - v v f (1) i f =0.1ma - 240 mv v f (2) i f =1ma - 320 mv v f (3) i f =10ma - 400 mv v f (4) i f =30ma - 500 mv forward voltage ( note ) v f (5) i f =100ma - 800 mv reverse leakage current ( note ) i r v r =25v - 2 a diode capacitance c d v r =1v, f=1mhz - 10 pf reverse recovery time trr when switched from i f = 10ma to i r =10ma; r l =100 ; measured at i r =1ma - 5 ns notes : pulse test, tp=300 s, duty cycle<2%. thermal characteristics symbol parameter conditions value unit r th j-a thermal resistance from junc tion to ambient note 1 250 k/w note 1 : device mounted on a fr-4 pcb
cystech electronics corp. spec. no. : c302sh issued date : 2012.08.16 revised date : page no. : 3/6 BAT54SH cystek product specification typical characteristics forward current & forward voltage 0 50 100 150 200 250 0 200 400 600 800 1000 forward voltage-v f (mv) forward current-i f (ma) diode capacitance & reverse-biased voltage 1 10 100 0.1 1 10 100 reverse biased voltage-v r (v) diode capacitance-cd (pf)
cystech electronics corp. spec. no. : c302sh issued date : 2012.08.16 revised date : page no. : 4/6 BAT54SH cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c302sh issued date : 2012.08.16 revised date : page no. : 5/6 BAT54SH cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c302sh issued date : 2012.08.16 revised date : page no. : 6/6 BAT54SH cystek product specification sod-123 dimension marking: jv 2-lead sod-123 plastic surface mounted package cystek package code: sh style: pin 1.cathode 2.anode inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.102 0.110 2.600 2.800 d 0.018 0.026 0.450 0.650 b 0.059 0.067 1.500 1.700 e 0.140 0.152 3.550 3.850 c 0.041 0.049 1.050 1.250 notes: 1.controlling dimension : millimeters. 2.lead thickness specified per l/f drawing with solder plating. 3.if there is any question with pa cking specification or packing me thod, please contact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of BAT54SH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X